Part Number Hot Search : 
MICON MRF174 7809A SKY65 WS108 KE200 WS108 4004AT
Product Description
Full Text Search
 

To Download ES25E12-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 20~25W AC-DC Single Output Wall-mounted type
Features :
Universal AC input / Full range 2 pole EURO plug Class power (without earth pin) Full output 5~48V safety approval
ES25E
series
Protections: Short circuit / Overload / Over voltage Fully enclosed plastic case PWM 3842 control circuit and regulated LED indicator for power on Approvals: TUV / CB / CE 1 year warranty
SPECIFICATION
ORDER NO. SAFETY MODEL NO. DC VOLTAGE RATED CURRENT CURRENT RANGE OUTPUT RATED POWER (max.) VOLTAGE TOLERANCE Note.4 LINE REGULATION LOAD REGULATION
Note.5 Note.6
TUV Rheinland Product Safety
geprUfre Sicherheit
ES25E05-P1J ES25E07-P1J ES25E09-P1J ES25E12-P1J ES25E15-P1J ES25E18-P1J ES25E24-P1J ES25E28-P1J ES25E36-P1J ES25E48-P1J ES25E05-050 ES25E07-075 ES25E09-090 ES25E12-120 ES25E15-150 ES25E18-180 ES25E24-240 ES25E30-280 ES25E36-360 ES25E48-480
Note.2 5V
7.5V 2.93A 22W 80mVp-p 5.0% 1.0% 5.0%
9V 2.77A 25W 80mVp-p 5.0% 1.0% 5.0%
12V 2.08A 25W 80mVp-p 3.0% 1.0% 3.0%
15V 1.66A 25W 100mVp-p 3.0% 1.0% 3.0%
18V 1.38A 25W 150mVp-p 3.0% 1.0% 3.0%
24V 1.04A 25W 180mVp-p 2.0% 1.0% 2.0%
28V 0.89A 25W 240mVp-p 2.0% 1.0% 2.0%
36V 0.69A 25W 240mVp-p 2.0% 1.0% 2.0%
48V 0.52A 25W 240mVp-p 2.0% 1.0% 2.0%
4.0A 0.4 ~ 4.0A 20W 5.0% 1.0% 5.0%
0.3 ~ 2.93A 0.2 ~ 2.77A 0.1 ~ 2.08A
0.1 ~ 1.66A 0.1 ~ 1.38A 0.1 ~ 1.04A 0.1 ~ 0.89A 0.06 ~ 0.69A 0.05 ~ 0.52A
RIPPLE & NOISE (max.) Note.3 50mVp-p
SETUP, RISE, HOLD UP TIME 600ms, 50ms, 16ms at full load 90 ~ 264VAC 135 ~ 370VDC VOLTAGE RANGE FREQUENCY RANGE INPUT EFFICIENCY (Typ.) AC CURRENT INRUSH CURRENT (max.) LEAKAGE CURRENT(max.) OVERLOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE 47 ~ 63Hz 70% 72% 76% 76% 78% 80% 82% 82% 82% 82% 0.7A / 100VAC 40A / 230VAC 0.25mA / 240VAC 130 ~ 180% rated output power 110 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed 105 ~ 135% rated output voltage Protection type : Shut down o/p voltage, re-power on to recover 0 ~ +50 (Refer to output load derating curve) 20% ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03% / (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes TUV EN60950-1 approved I/P-O/P:3KVAC I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH
SAFETY & ISOLATION RESISTANCE EMC EMI CONDUCTION & RADIATION Compliance to EN55022 class B (Note. 7) HARMONIC CURRENT Compliance to EN61000-3-2,3 EMS IMMUNITY MTBF DIMENSION PACKING PLUG CABLE
Compliance to EN61000-4-2,3,4,5,6,11, light industry level, criteria A 500Khrs min. MIL-HDBK-217F(25 ) 79*54*33mm (L*W*H) 220g ; 60pcs / 13.5kg / CARTON Standard type P1J: 2.1 * 5.5 * 11mm, tuning fork type, center positive for stock ; Other type available by customer requested Standard type UL1185 6ft (with ferrite core) for stock ; Other type available by customer requested
OTHERS
CONNECTOR NOTE
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient. 2.DC voltage: The output voltage set at point measure by plug terminal & 50% load. 3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 4.Tolerance: includes set up tolerance, line regulation, load regulation. 5.Line regulation is measured from low line to high line at rated load. 6.Load regulation is measured from 20% to 100% rated load 7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:ES25E-SPEC 2008-05-08
20~25W AC-DC Single Output Wall-mounted type
Mechanical Specification
ES25E
series
Unit:mm
UL1185 16AWG 1830 50mm for 5V UL1185 18AWG 1 830 50mm for 7.5 ~ 48V
38
POWER LED
70 10mm
C"+"
11 0.5mm ID 2.1 x OD 5.5
NAME PLATE
79
33
Plug Assignment
Standard plug: P1J (option) P1J
54
P/N CENTER
OUTPUT +
Derating Curve
Static Characteristics
100
100
LOAD (%)
LOAD (%)
50
80 60
70
0
10
20
30
38
0
50
60
70
80
90 100
260
Ta (
)
INPUT VOLTAGE
File Name:ES25E-SPEC 2008-05-08


▲Up To Search▲   

 
Price & Availability of ES25E12-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X